| データシートサーチシステム |
|
ATSAM4S-EK データシート(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM4S-EK データシート(HTML) 21 Page - ATMEL Corporation |
|
21 / 49 page ![]() Evaluation Kit Hardware SAM4S-EK Development Board User Guide 4-13 11139A–ATARM–29-Nov-11 Figure 4-18. QST Keys 4.3.19.2 Slider A group of channels forms a Slider. A Slider is composed of three channels for a QTouch acquisition method using three pairs of PIO. Such a sensor is used to detect a linear finger displacement on a sen- sitive area. A typical implementation is volume control. Figure 4-19. QT_Slider 4.3.20 User Buttons There are two mechanical user buttons on the SAM4S-EK, which are connected to PIO lines and defined to be "left" and "right" buttons by default. In addition, a mechanical button controls the system reset, signal NRST. Figure 4-20. System Buttons QTOUCH PC25 PC24 PC31 PC30 PC29 PC28 PC23 PC22 PC27 PC26 R53 1K R53 1K C49 22nF C49 22nF R60 1K R60 1K R51 1K R51 1K C51 22nF C51 22nF R57 1K R57 1K C47 22nF C47 22nF R55 1K R55 1K K1 QTouch Key K1 QTouch Key C53 22nF C53 22nF C52 22nF C52 22nF 22nF use X7R PA1 PA0 PA3 PA2 PA5 PA4 R54 1K R54 1K R50 1K R50 1K C50 22nF C50 22nF C46 22nF C46 22nF S1 QTouch Slider S1 QTouch Slider SL SM SR SR R52 1K R52 1K C48 22nF C48 22nF PB3 PC12 DGND NRST JP26 JP26 BP1 BP1 1 4 2 3 BP3 BP3 1 4 2 3 JP25 JP25 BP2 BP2 1 4 2 3 |