| データシートサーチシステム |
|
ACPL-P314 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-P314 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 14 page ![]() 2 Ordering Information ACPL-P314 is UL Recognized with 3750 Vrms for 1 minute per UL1577. ACPL-W314 is UL Recognized with 5000 Vrms for 1 minute per UL1577. Part number Option Package Surface Mount Tape & Reel UL 5000 Vrms / 1 Minute rating IEC/EN/DIN EN 60747-5-2 Quantity RoHS Compliant ACPL-P314 -000E Stretched SO-6 X 100 per tube -500E X X 1000 per reel -060E X X 100 per tube -560E X X X 1000 per reel ACPL-W314 -000E Stretched SO-6 X X 100 per tube -500E X X X 1000 per reel -060E X X X 100 per tube -560E X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-P314-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/ EN/DIN EN 60747-5-2 Safety Approval in RoHS compliant. Example 2: ACPL-P314-000E to order product of Stretched SO-6 Surface Mount package in tube packaging and RoHS compli- ant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and RoHS compliant option will use ‘-XXXE‘. |