データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NIN-NDR10xTRF データシート(PDF) 12 Page - NIC-Components Corp.

部品番号 NIN-NDR10xTRF
部品情報  Molded Chip Wirewound Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NIC [NIC-Components Corp.]
ホームページ  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR10xTRF データシート(HTML) 12 Page - NIC-Components Corp.

Back Button NIN-NDR10xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 9Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 10Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 11Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 12Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 13Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NIN-PB SERIES
B-SIZE (1812)
STANDARD VALUES
NIC
P/N
'L'
Inductance
(
μH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
(MHz)
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
NIN-PB1R0KTRF
1
±10%
10
7.96
200
0.11
1050
NIN-PB1R2KTRF
1.2
±10%
10
7.96
160
0.12
1000
NIN-PB1R5KTRF
1.5
±10%
10
7.96
130
0.15
950
NIN-PB1R8KTRF
1.8
±10%
10
7.96
100
0.16
900
NIN-PB2R2KTRF
2.2
±10%
10
7.96
80
0.18
850
NIN-PB2R7KTRF
2.7
±10%
10
7.96
60
0.20
800
NIN-PB3R3KTRF
3.3
±10%
10
7.96
45
0.22
750
NIN-PB3R9KTRF
3.9
±10%
10
7.96
40
0.24
700
NIN-PB4R7KTRF
4.7
±10%
10
7.96
35
0.27
650
NIN-PB5R6KTRF
5.6
±10%
10
7.96
30
0.30
650
NIN-PB6R8KTRF
6.8
±10%
10
7.96
28
0.35
600
NIN-PB8R2KTRF
8.2
±10%
10
7.96
25
0.40
600
NIN-PB100KTRF
10
±10%
10
2.52
22
0.50
550
NIN-PB120KTRF
12
±10%
10
2.52
21
0.60
500
NIN-PB150KTRF
15
±10%
10
2.52
20
0.70
450
NIN-PB180KTRF
18
±10%
10
2.52
19
0.80
400
NIN-PB220KTRF
22
±10%
10
2.52
18
0.90
370
NIN-PB270KTRF
27
±10%
10
2.52
16
1.2
330
NIN-PB330KTRF
33
±10%
10
2.52
14
1.4
300
NIN-PB390KTRF
39
±10%
10
2.52
12
1.6
280
NIN-PB470KTRF
47
±10%
10
2.52
11.5
1.9
260
NIN-PB560KTRF
56
±10%
10
2.52
11
2.2
240
NIN-PB680KTRF
68
±10%
10
2.52
10
2.6
220
NIN-PB820KTRF
82
±10%
10
2.52
9.0
3.5
200
NIN-PB101KTRF
100
±10%
20
0.796
8.0
4.0
180
NIN-PB121KTRF
120
±10%
20
0.796
7.5
4.5
160
NIN-PB151KTRF
150
±10%
20
0.796
7.0
6.5
140
NIN-PB181KTRF
180
±10%
20
0.796
6.5
7.5
120
NIN-PB221KTRF
220
±10%
20
0.796
5.5
9.0
120
NIN-PB271KTRF
270
±10%
20
0.796
5.0
11
100
NIN-PB331KTRF
330
±10%
20
0.796
4.0
13
90
NIN-PB391KTRF
390
±10%
20
0.796
3.0
14
85
NIN-PB471KTRF
470
±10%
20
0.796
3.0
16
75
NIN-PB561KTRF
560
±10%
20
0.796
3.0
18
70
NIN-PB681KTRF
680
±10%
20
0.796
2.5
22
65
Molded Chip Wirewound Inductors
NIN Series
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13