データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM337H/NOPB データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM337H/NOPB
部品情報  3-Terminal Adjustable Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM337H/NOPB データシート(HTML) 3 Page - Texas Instruments

  LM337H/NOPB Datasheet HTML 1Page - Texas Instruments LM337H/NOPB Datasheet HTML 2Page - Texas Instruments LM337H/NOPB Datasheet HTML 3Page - Texas Instruments LM337H/NOPB Datasheet HTML 4Page - Texas Instruments LM337H/NOPB Datasheet HTML 5Page - Texas Instruments LM337H/NOPB Datasheet HTML 6Page - Texas Instruments LM337H/NOPB Datasheet HTML 7Page - Texas Instruments LM337H/NOPB Datasheet HTML 8Page - Texas Instruments LM337H/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM137, LM337-N
www.ti.com
SNVS778D – MAY 1999 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Power Dissipation
Internally Limited
Input-Output Voltage Differential
40V
Operating Junction Temperature Range
LM137
−55°C to +150°C
LM337-N
0°C to +125°C
LM337I
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
Plastic Package (Soldering, 4 sec.)
260°C
ESD Rating
2k Volts
(1)
Refer to RETS137H drawing for LM137H or RETS137K drawing for LM137K military specifications.
(2)
Unless otherwise specified, these specifications apply
−55°C ≤ Tj ≤ +150°C for the LM137, 0°C ≤ Tj ≤ +125°C for the LM337-N; VIN −
VOUT = 5V; and IOUT = 0.1A for the TO package and IOUT = 0.5A for the TO-3, SOT-223 and TO-220 packages. Although power
dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the TO and SOT-223 (see
APPLICATION HINTS), and 20W for the TO-3, and TO-220. IMAX is 1.5A for the TO-3, SOT-223 and TO-220 packages, and 0.2A for the
TO package.
ELECTRICAL CHARACTERISTICS
(1)
Parameter
Conditions
LM137
LM337
Units
Min
Typ
Max
Min
Typ
Max
Line Regulation
Tj = 25°C, 3V ≤ |VIN − VOUT| ≤ 40V
0.01
0.02
0.01
0.04
%/V
(2)I
L = 10 mA
Load Regulation
Tj = 25°C, 10 mA ≤ IOUT ≤ IMAX
0.3
0.5
0.3
1.0
%
Thermal Regulation
Tj = 25°C, 10 ms Pulse
0.002
0.02
0.003
0.04
%/W
Adjustment Pin Current
65
100
65
100
μA
Adjustment Pin Current Charge
10 mA
≤ IL ≤ IMAX
2
5
2
5
μA
3.0V
≤ |VIN − VOUT| ≤ 40V,
TA = 25°C
Reference Voltage
Tj = 25°C
(3)
−1.225 −1.250 −1.275 −1.213 −1.250 −1.287
V
3V
≤ |VIN − VOUT| ≤ 40V,
(3)
−1.200 −1.250 −1.300 −1.200 −1.250 −1.300
V
10 mA
≤ IOUT ≤ IMAX, P ≤ PMAX
Line Regulation
3V
≤ |VIN − VOUT| ≤ 40V,
(2)
0.02
0.05
0.02
0.07
%/V
Load Regulation
10 mA
≤ IOUT ≤ IMAX,
(2)
0.3
1
0.3
1.5
%
Temperature Stability
TMIN ≤ Tj ≤ TMAX
0.6
0.6
%
Minimum Load Current
|VIN − VOUT| ≤ 40V
2.5
5
2.5
10
mA
|VIN − VOUT| ≤ 10V
1.2
3
1.5
6
mA
(1)
Unless otherwise specified, these specifications apply
−55°C ≤ Tj ≤ +150°C for the LM137, 0°C ≤ Tj ≤ +125°C for the LM337-N; VIN −
VOUT = 5V; and IOUT = 0.1A for the TO package and IOUT = 0.5A for the TO-3, SOT-223 and TO-220 packages. Although power
dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the TO and SOT-223 (see
APPLICATION HINTS), and 20W for the TO-3, and TO-220. IMAX is 1.5A for the TO-3, SOT-223 and TO-220 packages, and 0.2A for the
TO package.
(2)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation. Load regulation is measured on the output pin at a point
⅛ in.
below the base of the TO-3 and TO packages.
(3)
Selected devices with tightened tolerance reference voltage available.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22