| データシートサーチシステム |
|
ADMP621ACEZ-RL データシート(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMP621ACEZ-RL データシート(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() ADMP621 Data Sheet HANDLING INSTRUCTIONS PICK-AND-PLACE EQUIPMENT The MEMS microphone can be handled using standard pick-and- place and chip shooting equipment. Take care to avoid damage to the MEMS microphone structure as follows: • Use a standard pickup tool to handle the microphone. Because the microphone hole is on the bottom of the package, the pickup tool can make contact with any part of the lid surface. • Do not pick up the microphone with a vacuum tool that makes contact with the bottom side of the microphone. Do not pull air out of or blow air into the microphone port. • Do not use excessive force to place the microphone on the PCB. REFLOW SOLDER For best results, the soldering profile must be in accordance with the recommendations of the manufacturer of the solder paste used to attach the MEMS microphone to the PCB. It is recommended that the solder reflow profile not exceed the limit conditions specified in Figure 4 and Table 4. BOARD WASH When washing the PCB, ensure that water does not make contact with the microphone port. Do not use blow off procedures or ultrasonic cleaning. Rev. 0 | Page 14 of 16 |