| データシートサーチシステム |
|
PowerSSO-36 データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PowerSSO-36 データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 53 page ![]() Electrical specifications L99H01 18/53 DocID15567 Rev 5 18.6 VIOFF-T20/ΔT Input offset voltage drift vs. temperature Gain = 20 -18(2) µV/°K 18.7 VIOFF-T10/ΔT Input offset voltage drift vs. temperature Gain = 10 -27(2) µV/°K 18.8 VIOFF-O_50 Input offset voltage with offset compensation Gain = 50 -3.5 -1 1.5 mV 18.9 VIOFF-O_20 Input offset voltage with offset compensation Gain = 20 -6 -2 4 mV 18.10 VIOFF-O_10 Input offset voltage with offset compensation Gain = 10 -10 -3 6 mV 18.11 PSRR_50 Power supply rejection ratio Gain = 50 39 dB 18.12 PSRR_20 Power supply rejection ratio Gain = 20 31 dB 18.13 PSRR_10 Power supply rejection ratio Gain = 10 25 dB 18.14 CMRR Input common mode rejection Tj = 25°C, DC 60 dB 18.15 Gain50 Gain 46.75 50 53.25 18.16 Gain20 Gain 19 20 21 18.17 Gain10 Gain 9.5 10 10.5 18.18.1 VCSOh High-level output voltage IOUT = 2 mA VCC - 250 mV V 18.18.2 IOUT = 200 µA VCC - 50 mV VCC - 20 mV V 18.19.1 VCSOl Low-level output voltage IOUT = -2 mA 100 250 mV 18.19.2 IOUT = -200 µA 15 50 mV Dynamic parameters 18.20 SRcso_10 CSO slew rate Gain = 10; RL = 1 k Ω,; CL = 22 pF 2.8 4 V/µs 18.21 SRcso_20 CSO slew rate Gain = 20; RL = 1 k Ω,; CL = 22 pF 34.5 V/µs 18.22 SRcso_50 CSO slew rate Gain = 50; RL = 1 k Ω,; CL = 22 pF 4.4 6 V/µs 18.23 ICSI_10 CSI input current Gain = 10 -114 -102 -90 µA 18.24 ICSI_20 CSI input current Gain = 20 -80 -72 -64 µA 18.25 ICSI_50 CSI input current Gain = 50 -39 -33 -27 µA 1. Test conditions: VS = 13 V, VCC = 5 V 2. Not tested, guaranteed by design. Table 18. Current sense amplifier(1) (continued) Item Symbol Parameter Test condition Min. Typ. Max. Unit |