| データシートサーチシステム |
|
T1210-800G データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
T1210-800G データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 12 page ![]() BTA12, BTB12, T12xx Ordering information scheme 7/12 Table 7. Product selector Order code(1) 1. BTB: non insulated TO-220AB package Voltage (xxx) Sensitivity Type Package 600 V 800 V BTA/BTB12-xxxBRG X X 50 mA Standard TO-220AB BTA/BTB12-xxxBWRG X X 50 mA Snubberless TO-220AB BTA/BTB12-xxxCRG X X 25 mA Standard TO-220AB BTA/BTB12-xxxCWRG X X 35 mA Snubberless TO-220AB BTA/BTB12-xxxSWRG X X 10 mA Logic Level TO-220AB BTA/BTB12-xxxTWRG X X 5 mA Logic Level TO-220AB T1210-800G - X 10 mA Logic Level D2PAK T1235-xxxG X X 35 mA Snubberless D2PAK T1235-xxxR X X 35 mA Snubberless I2PAK T1250-600G X - 50 mA Snubberless D2PAK |