| データシートサーチシステム |
|
LSM303DLH データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM303DLH データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 47 page ![]() Register mapping LSM303DLH 28/47 Doc ID 16941 Rev 1 Registers marked as Reserved must not be changed. Writing to these registers may cause permanent damage to the device. The content of the registers that are loaded at boot should not be changed. They contain the factory calibrated values. Their content is automatically restored when the device is powered up. OUT_X_L_M TAB.15 r 04 00000100 output OUT_Y_H_M TAB.15 r 05 00000101 output OUT_Y_L_M TAB.15 r 06 00000110 output OUT_Z_H_M TAB.15 r 07 00000111 output OUT_Z_L_M TAB.15 r 08 00001000 output SR_REG_Mg TAB.15 r 09 00001001 00000000 IRA_REG_M TAB.15 r 0A 00001010 01001000 IRB_REG_M TAB.15 r 0B 00001011 00110100 IRC_REG_M TAB.15 r 0C 00001100 00110011 Table 17. Register address map (continued) Name Slave address Type Register address Default Comment Hex Binary Obsolete Product(s) - Obsolete Product(s) |