データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS914ID データシート(PDF) 15 Page - STMicroelectronics

部品番号 TS914ID
部品情報  Rail-to-rail CMOS quad operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914ID データシート(HTML) 15 Page - STMicroelectronics

Back Button TS914ID Datasheet HTML 9Page - STMicroelectronics TS914ID Datasheet HTML 10Page - STMicroelectronics TS914ID Datasheet HTML 11Page - STMicroelectronics TS914ID Datasheet HTML 12Page - STMicroelectronics TS914ID Datasheet HTML 13Page - STMicroelectronics TS914ID Datasheet HTML 14Page - STMicroelectronics TS914ID Datasheet HTML 15Page - STMicroelectronics TS914ID Datasheet HTML 16Page - STMicroelectronics TS914ID Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TS914, TS914A
Ordering information
Doc ID 4475 Rev 8
15/17
6
Ordering information
Table 8.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS914ID
TS914IDT
-40, +125 °C
SO-14
Tube and tape and
reel
914I
TS914AID
TS914AIDT
SO-14
Tube and tape and
reel
914AI
TS914IYDT(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q 002 or equivalent.
SO-14
(automotive grade level)
Tube and tape and
reel
914IY
TS914AIYDT(1)
SO-14
(automotive grade level)
Tape and reel
914AIY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17