データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431ACD データシート(PDF) 14 Page - STMicroelectronics

部品番号 TL431ACD
部品情報  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431ACD データシート(HTML) 14 Page - STMicroelectronics

Back Button TL431ACD Datasheet HTML 10Page - STMicroelectronics TL431ACD Datasheet HTML 11Page - STMicroelectronics TL431ACD Datasheet HTML 12Page - STMicroelectronics TL431ACD Datasheet HTML 13Page - STMicroelectronics TL431ACD Datasheet HTML 14Page - STMicroelectronics TL431ACD Datasheet HTML 15Page - STMicroelectronics TL431ACD Datasheet HTML 16Page - STMicroelectronics TL431ACD Datasheet HTML 17Page - STMicroelectronics TL431ACD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Package mechanical data
TL431, TL432
14/21
Doc ID 4467 Rev 11
4.3
TO-92 (bulk) package information
Figure 26.
TO-92 bulk package mechanical drawing
Table 8.
TO-92 bulk package mechanical data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D
4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.5
0.019
0067407_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21