| データシートサーチシステム |
|
STLBC01 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLBC01 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 40 page ![]() Electrical STLBC01 12/40 DocID022984 Rev 2 4 Electrical 4.1 Absolute maximum ratings Table 4 summarizes the absolute maximum rating for the STBLC01. Stresses above these listed maximum ratings may cause permanent damage to the device. Exposure beyond the specified electrical characteristics may affect device reliability or cause malfunction. The STBLC01 is available in a green-mold and lead free QFN 5x5 package. The maximum soldering conditions are specified as in the JEDEC J-STD-020C standard. 4.2 Handling procedures This device has built-in protection against high static voltages or electric fields; however, anti-static precautions must be taken as for any other CMOS component. Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the voltage range. Unused inputs must always be tied to a defined logic voltage level unless otherwise specified. 4.3 General operating conditions The general operating conditions for both STBLC01 versions are summarized in Table 5. These parameters are specified based on the component list and on the application schematic of Figure 4. Table 4. Absolute maximum ratings Parameter Symbol Min. Max. Unit System ground GND -0.2 0.2 V Supply voltage V SUP GND-0.2 3.6 V Voltage at remaining pin V PIN GND-0.2 V SUP +0.2 V Storage temperature T st -50 150 °C Electrostatic discharge referred to GND according to Mil- Std-883C, method 3015.7 V ESD -2000 +2000 V Table 5. STBLC01 general operating conditions Parameter Min. Typ. Max. Unit Supply voltage 1.9 3 3.6 V Temperature range -40 +85 °C |