データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLUX385A データシート(PDF) 65 Page - STMicroelectronics

部品番号 STLUX385A
部品情報  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A データシート(HTML) 65 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 61Page - STMicroelectronics STLUX385A Datasheet HTML 62Page - STMicroelectronics STLUX385A Datasheet HTML 63Page - STMicroelectronics STLUX385A Datasheet HTML 64Page - STMicroelectronics STLUX385A Datasheet HTML 65Page - STMicroelectronics STLUX385A Datasheet HTML 66Page - STMicroelectronics STLUX385A Datasheet HTML 67Page - STMicroelectronics STLUX385A Datasheet HTML 68Page - STMicroelectronics STLUX385A Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
DocID024387 Rev 2
65/98
STLUX385A
Option bytes
nMSC_OPT0 (misc. config. reg0. protect)
nMSC_OPT0: not(MSC_OPT0) EMC byte protection.
OPTBL (option byte bootloader)
Bit 7-0:
BL[7:0] bootloader field checked by the internal BootROM code during the STLUX385A
initialization phase. The content of register locations 0x00487E, 0x00487F and
0x008000 determine the bootloader SW flow execution sequence.
OPTBL (option byte boot loader protect.)
nOPTBL: not(OPTBL) EMC byte protection.
Offset: 0x004816
Default value: 0xFF
76
5432
1
0
RFU
UARTline [1:0]
RFU
nBootsel [2:0]
r
r/w
r
r/w
Offset: 0x00487E
Default value: 0x00
76
5432
1
0
BL [7:0]
r/w
Offset: 0x00487F
Default value: 0x00
76
5432
1
0
nBL [7:0]
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99