| データシートサーチシステム |
|
TSU101ILT データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSU101ILT データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 33 page ![]() Absolute maximum ratings and operating conditions TSU101, TSU102, TSU104 4/33 DocID024317 Rev 2 2 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings (AMR) Symbol Parameter Value Unit Vcc Supply voltage(1) 1. All voltage values, except the differential voltage are with respect to the network ground terminal. 6 V Vid Differential input voltage(2) 2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal. ±Vcc Vin Input voltage(3) 3. (Vcc+ - Vin) must not exceed 6 V, (Vin - Vcc-) must not exceed 6 V. Vcc- - 0.2 to Vcc+ + 0.2 Iin Input current(4) 4. The input current must be limited by a resistor in series with the inputs. 10 mA Tstg Storage temperature -65 to +150 °C Rthja Thermal resistance junction to ambient(5)(6) SC70-5 SOT23-5 DFN8 2x2 MiniSO8 QFN16 3x3 TSSOP14 5. Short-circuits can cause excessive heating and destructive dissipation. 6. Rth are typical values. 205 250 117 190 45 100 °C/W Tj Maximum junction temperature 150 °C ESD HBM: human body model(7) 7. Related to ESDA/JEDEC JS-001 Apr. 2010 2000 V MM: machine model(8) 8. Related to JEDEC JESD22-A115C Nov.2010 200 CDM: charged device model(9) All other packages except SC70-5 SC70-5 9. Related to JEDEC JESD22-C101-E Dec. 2009 1000 900 Latch-up immunity(10) 10. Related to JEDEC JESD78C Sept. 2010 200 mA Table 2. Operating conditions Symbol Parameter Value Unit Vcc Supply voltage 1.5 to 5.5 V Vicm Common mode input voltage range Vcc- - 0.1 to Vcc+ + 0.1 Toper Operating free air temperature range -40 to +85 °C |