| データシートサーチシステム |
|
TSU101RICT データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSU101RICT データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 33 page ![]() Electrical characteristics TSU101, TSU102, TSU104 12/33 DocID024317 Rev 2 Figure 8. Input offset voltage temperature coefficient distribution Figure 9. Input bias current vs. temperature at mid VICM -5 -4 -3 -2 -1 0 1 2 3 4 5 0 5 10 15 20 25 30 ΔVio/ΔT distribution between T=-40°C and 85°C for Vcc=3.3V, Vicm=1.65V ΔVio/ΔT (µV/°C) -40 -40 -20 -20 0020 20 40 40 60 60 80 80 -20 -20 -15 -10 -10 -5 00 5 10 10 15 20 20 Vcc=3.3V Vcc=5V Vcc=1.8V Vicm=Vcc/2 Temperature (°C) Figure 10. Input bias current vs. temperature at low VICM Figure 11. Input bias current vs. temperature at high VICM -40 -40 -20 -20 0020 20 40 40 60 60 80 80 -20 -20 -15 -10 -10 -5 00 5 10 10 15 20 20 Vcc=3.3V Vcc=5V Vcc=1.8V Vicm=0V Temperature (°C) -40 -40 -20 -20 0020 20 40 40 60 60 80 80 -20 -20 -15 -10 -10 -5 00 5 10 10 15 20 20 Vcc=3.3V Vcc=5V Vcc=1.8V Vicm=Vcc Temperature (°C) Figure 12. Output characteristics at 1.8 V supply voltage Figure 13. Output characteristics at 3.3 V supply voltage 0.0 0.0 0.5 0.5 1.0 1.0 1.5 1.5 2.0 2.0 2.5 2.5 3.0 3.0 3.5 3.5 4.0 4.0 4.5 4.5 5.0 5.0 5.5 5.5 6.0 6.0 0.0 0.0 0.2 0.2 0.4 0.4 0.6 0.6 0.8 0.8 1.0 1.0 1.2 1.2 1.4 1.4 1.6 1.6 1.8 1.8 Source Vid=0.2V Sink Vid=-0.2V T=85°C T=-40°C Vcc=1.8V Vicm=0.1V T=25°C Output Current (mA) 0011223344556677889910 10 0.0 0.0 0.3 0.3 0.6 0.6 0.9 0.9 1.2 1.2 1.5 1.5 1.8 1.8 2.1 2.1 2.4 2.4 2.7 2.7 3.0 3.0 3.3 3.3 Source Vid=0.2V Sink Vid=-0.2V T=85°C T=-40°C Vcc=3.3V Vicm=0.1V T=25°C Output Current (mA) |