データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS16 データシート(PDF) 16 Page - NXP Semiconductors

部品番号 BAS16
部品情報  High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16 データシート(HTML) 16 Page - NXP Semiconductors

Back Button BAS16 Datasheet HTML 12Page - NXP Semiconductors BAS16 Datasheet HTML 13Page - NXP Semiconductors BAS16 Datasheet HTML 14Page - NXP Semiconductors BAS16 Datasheet HTML 15Page - NXP Semiconductors BAS16 Datasheet HTML 16Page - NXP Semiconductors BAS16 Datasheet HTML 17Page - NXP Semiconductors BAS16 Datasheet HTML 18Page - NXP Semiconductors BAS16 Datasheet HTML 19Page - NXP Semiconductors BAS16 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
BAS16_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2008
16 of 20
NXP Semiconductors
BAS16 series
High-speed switching diodes
Fig 27. Wave soldering footprint BAS16W (SOT323/SC-70)
Fig 28. Reflow soldering footprint BAS316 (SOD323/SC-76)
sot323_fw
3.65 2.1
1.425
(3
×)
4.6
09
(2
×)
2.575
1.8
solder lands
solder resist
occupied area
preferred transport
direction during soldering
Dimensions in mm
0.95
1.65
2.2
2.1
3.05
solder lands
solder resist
occupied area
solder paste
0.5
(2
×)
0.6
(2
×)
0.6 (2
×)
0.5 (2
×)
sod323_fr
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20