| データシートサーチシステム |
|
TSU101RILT データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSU101RILT データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 33 page ![]() DocID024317 Rev 2 15/33 TSU101, TSU102, TSU104 Electrical characteristics 33 Figure 26. Bode diagram for different feedback values Figure 27. Bode diagram at 1.8 V supply voltage 10 100 1000 10000 -20 -15 -10 -5 0 5 10 15 20 Frequency (Hz) Feedback : 1MΩ//47pF Feedback : 1MΩ Vcc=3.3V, Vicm=1.65V, T=25°C Gain=1 Rl=10MΩ, Cl=16pF, Vrl=Vcc/2 Feedback : 100kΩ 10 100 1000 10000 -45 -30 -15 0 15 30 45 -180 -150 -120 -90 -60 -30 0 30 60 90 120 150 180 Frequency (Hz) Phase Gain Vcc=1.8V, Vicm=0.9V G=101 (10kΩ/1MΩ) Rl=10MΩ, Cl=60pF, Vrl=Vcc/2 T=85°C T=-40°C T=25°C Figure 28. Bode diagram at 3.3 V supply voltage Figure 29. Bode diagram at 5 V supply voltage 10 100 1000 10000 -45 -30 -15 0 15 30 45 -180 -150 -120 -90 -60 -30 0 30 60 90 120 150 180 Frequency (Hz) Phase Gain Vcc=3.3V, Vicm=1.65V G=101 (10kΩ/1MΩ) Rl=10MΩ, Cl=60pF, Vrl=Vcc/2 T=85°C T=-40°C T=25°C 10 100 1000 10000 -45 -30 -15 0 15 30 45 -180 -150 -120 -90 -60 -30 0 30 60 90 120 150 180 Frequency (Hz) Phase Gain Vcc=5V, Vicm=2.5V G=101 (10kΩ/1MΩ) Rl=10MΩ, Cl=60pF, Vrl=Vcc/2 T=85°C T=-40°C T=25°C Figure 30. Gain bandwidth product vs. input common mode voltage Figure 31. Gain vs. input common mode voltage 0.0 0.0 0.5 0.5 1.0 1.0 1.5 1.5 2.0 2.0 2.5 2.5 3.0 3.0 00 1 22 3 44 5 66 7 88 9 10 10 Vcc=3.3V, Vicm=Vrl Gain 101 : Rg=10kΩ, Rf=1MΩ Rl=10MΩ, Cl=60pF T=25°C Measured at 20dB Vicm (V) 10 -2 10 -1 10 0 10 1 10 2 10 3 10 100 Recommended resistor to place between the output of the op-amp and the capacitive load Vcc=3.3V, Vicm=1.65V Follower configuration Capacitive load (nF) |