データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS70W データシート(PDF) 13 Page - NXP Semiconductors

部品番号 BAS70W
部品情報  General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS70W データシート(HTML) 13 Page - NXP Semiconductors

Back Button BAS70W Datasheet HTML 9Page - NXP Semiconductors BAS70W Datasheet HTML 10Page - NXP Semiconductors BAS70W Datasheet HTML 11Page - NXP Semiconductors BAS70W Datasheet HTML 12Page - NXP Semiconductors BAS70W Datasheet HTML 13Page - NXP Semiconductors BAS70W Datasheet HTML 14Page - NXP Semiconductors BAS70W Datasheet HTML 15Page - NXP Semiconductors BAS70W Datasheet HTML 16Page - NXP Semiconductors BAS70W Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
13 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 19. Reflow soldering footprint SOD123F
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 20. Reflow soldering footprint SOD882
1.6
1.6
2.9
4
4.4
1.1 1.2
2.1
1.1
(2
×)
solder lands
solder resist
occupied area
solder paste
mbl872
1.30
0.30
R = 0.05 (8
×)
R = 0.05 (8
×)
0.60
(2
×)
0.70
(2
×)
0.80
(2
×)
0.90
0.30
(2
×)
0.40
(2
×)
0.50
(2
×)
solder lands
solder resist
occupied area
solder paste



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20