| データシートサーチシステム |
|
BAT54SW データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAT54SW データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 11 page ![]() BAT54W_SER All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 3 — 20 November 2012 3 of 11 NXP Semiconductors BAT54W series Schottky barrier diodes 5. Limiting values [1] Tj =25 C before surge. [2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. 6. Thermal characteristics [1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit Per diode VR reverse voltage - 30 V IF forward current - 200 mA IFRM repetitive peak forward current tp 1s; 0.5 300 mA IFSM non-repetitive peak forward current square wave; tp <10ms [1] -600 mA Per device; one diode loaded Ptot total power dissipation Tamb 25 C [2] -200 mW Tj junction temperature - 150 C Tamb ambient temperature 55 +150 C Tstg storage temperature 65 +150 C Table 6. Thermal characteristics Symbol Parameter Conditions Min Typ Max Unit Per device; one diode loaded Rth(j-a) thermal resistance from junction to ambient in free air [1] - - 625 K/W |