データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP150 データシート(PDF) 4 Page - Analog Devices

部品番号 ADP150
部品情報  Evaluating the CN-0285 Wideband Tx Modulator Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP150 データシート(HTML) 4 Page - Analog Devices

  ADP150 Datasheet HTML 1Page - Analog Devices ADP150 Datasheet HTML 2Page - Analog Devices ADP150 Datasheet HTML 3Page - Analog Devices ADP150 Datasheet HTML 4Page - Analog Devices ADP150 Datasheet HTML 5Page - Analog Devices ADP150 Datasheet HTML 6Page - Analog Devices ADP150 Datasheet HTML 7Page - Analog Devices ADP150 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UG-521
Evaluation Board User Guide
Rev. 0 | Page 4 of 8
EVALUATION BOARD SOFTWARE QUICK START PROCEDURES
The control software for EVAL-CN0285-EB1Z uses the
standard ADF4351 programming software. For more details on
the installation of this software, consult UG-435, Evaluation
Board for the ADF4351 Fractional-N PLL Frequency Synthesizer.
After installing the software, run the software by clicking the
ADI ADF435x file on the desktop or in the Start menu. The
software front panel opens (see Figure 3).
Confirm that Analog Devices RFG.L Eval Board connected is
displayed in the bottom left corner of the window. Otherwise,
the software has no connection to the evaluation board. In this
case, check that the cable connection and USB drivers are
correctly installed.
Program the RF output frequency in the Main Controls tab of
the software front panel.
Figure 3. Software Front Panel



Html Pages

1 2 3 4 5 6 7 8