| データシートサーチシステム |
|
STM32L151C8 データシート(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151C8 データシート(HTML) 95 Page - STMicroelectronics |
|
95 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 95/121 Figure 28. Power supply and reference decoupling (VREF+ not connected to VDDA) 1. VREF+ and VREF– inputs are available only on 100-pin packages. Figure 29. Power supply and reference decoupling (VREF+ connected to VDDA) 1. VREF+ and VREF– inputs are available only on 100-pin packages. VREF+ (see note 1) STM32L15xxx VDDA VSSA /VREF– (see note 1) 1 μF // 100 nF 1 μF // 100 nF ai17857b VREF+/VDDA STM32L15xxx 1 μF // 100 nF VREF–/VSSA ai17858a (See note 1) (See note 1) |