| データシートサーチシステム |
|
STM32L151C6 データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151C6 データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 121 page ![]() Memory mapping STM32L151x6/8/B, STM32L152x6/8/B 46/121 Doc ID 17659 Rev 8 5 Memory mapping The memory map is shown in the following figure. Figure 9. Memory map reserved 0x4000 0000 0x4000 0400 0x4000 0800 0x4000 0C00 0x4000 2800 0x4000 2C00 0x4000 3000 0x4000 3400 0x4000 3800 0x4000 3C00 0x4000 4400 0x4000 4800 0x4000 4C00 0x4001 0C00 0x4001 1000 0x4001 1400 APB memory space CRC 0x4002 3800 TIM2 Reserved 0x4001 0800 0x4001 2400 0x4001 2800 0x4001 3000 0x4001 3400 0x4001 3800 TIM3 TIM4 RTC WWDG IWDG reserved SPI2 USART2 USART3 SYSCFG TIM9 TIM11 rese rve d ADC reserved USART1 reserved 0x4002 3400 0x4002 0000 0x4001 3C00 0x4000 5400 0x4000 5800 reserved reserved SPI1 I2C1 0x4000 6000 0x4000 5C00 PWR TIM10 I2C2 reserved EXTI reserved RCC Flash Interf ace reserved reserved reserved 0x4000 6200 0x4000 7000 0x4000 7400 0x4000 7C00 0x4001 0400 0x4002 3C00 0x4002 4000 0x4002 6000 0x4002 6400 0x6000 0000 0xE010 0000 reserved 0xFFFF FFFF USB Reg isters DMA 0 1 2 3 4 5 6 7 0x2000 0000 0x4000 0000 0x6000 0000 0x8000 0000 0xA000 0000 0xC000 0000 0xE000 0000 0xFFFF FFFF 0x0000 0000 Peripherals SRAM Cortex- M3 Internal Peripherals 0xE010 0000 ai18200b 512 byte USB TIM6 TIM7 LCD reserved reserved 0x4000 1000 0x4000 1400 0x4000 2400 0x4000 1C00 DAC1 & 2 0x4000 7800 Port A Port B Port C Port D Port E Port H reserved 0x4002 3000 0x4002 1800 0x4002 1400 0x4002 1000 0x4002 0C00 0x4002 0800 0x4002 0400 COMP + RI Flash memory rese rved rese rved 0x0800 0000 0x0801 FFFF 0x1FF0 0000 0x1FF8 001F System memory Option Bytes 0x1FF0 0FFF 0x1FF8 0000 Aliased to Flash or system memory depending on BOOT pins 0x0000 0000 rese rved Data EEPROM rese rved 0x0808 0000 0x0808 0FFF 0x4001 0000 reserved reserved |