データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ12MC201TESS データシート(PDF) 34 Page - Microchip Technology

部品番号 DSPIC33FJ12MC201TESS
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS データシート(HTML) 34 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 30Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 31Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 32Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 33Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 34Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 35Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 36Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 37Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 34
© 2007-2011 Microchip Technology Inc.
FIGURE 4-3:
DATA MEMORY MAP FOR dsPIC33FJ12MC201/202 DEVICES WITH 1 KB RAM
0x0000
0x07FE
0x0BFE
0xFFFE
LSB
Address
16 bits
LSb
MSb
MSB
Address
0x0001
0x07FF
0xFFFF
Optionally
Mapped
into Program
Memory
0x0801
0x0800
0x0C00
2 Kbyte
SFR Space
1 Kbyte
SRAM Space
0x8001
0x8000
SFR Space
X Data RAM (X)
X Data
Unimplemented (X)
Y Data RAM (Y)
0x09FE
0x0A00
0x09FF
0x0A01
0x0BFF
0x0C01
0x1FFF
0x1FFE
0x2001
0x2000
8 Kbyte
Near Data
Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More