| データシートサーチシステム |
|
AT24C128CSS11MB データシート(PDF) 12 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT24C128CSS11MB データシート(HTML) 12 Page - ATMEL Corporation |
|
12 / 22 page ![]() 12 Atmel AT24C128C [DATASHEET] 8734B–SEEPR–9/2012 Sequential Read: Sequential Reads are initiated by either a Current Address Read or a Random Address Read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address maximum address is reached, the data word address will roll-over and the Sequential Read will continue from the beginning of the array. The Sequential Read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (See Figure 9-3). Figure 9-3. Sequential Read Note: * = Don’t care bit SDA LINE S T A R T S T A R T R E A D W R I T E S T O P Device Address Second Word Address Device Address First Word Address Data (n + 1) Data (n + 2) Data (n + x) Data (n) M S B A C K A C K A C K L S B A C K A C K A C K A C K N O A C K R / W Dummy Write . . . . . . R / W |