| データシートサーチシステム |
|
ACPL-064L データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-064L データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 17 page ![]() 2 Ordering Information The ACPL-061L, ACPL-064L and ACPL-M61L are UL Recognized with an isolation voltage of 3750 Vrms for 1 minute per UL1577. The ACPL-W61L and ACPL-K64L are UL Recognized with an isolation voltage of 5000 Vrms for 1 minute per UL1577. All devices are RoHS compliant. Part number Option Package Surface Mount Tape & Reel UL 5000 Vrms / 1 Minute rating IEC/EN/ DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-061L^ -000E SO-8 X 100 per tube -500E X X 1500 per reel -560E X X X 1500 per reel ACPL-064L -000E SO-8 X 100 per tube -500E X X 1500 per reel -560E X X X 1500 per reel ACPL-M61L -000E SO-5 X 100 per tube -500E X X 1500 per reel -560E X X X 1500 per reel ACPL-W61L -000E Stretched S06 X X 100 per tube -500E X X X 1000 per reel -560E XXXX 1000 per reel ACPL-K64L -000E Stretched S08 X X 80 per tube -500E X X X 1000 per reel -560E XXXX 1000 per reel To form an ordering part number, choose a part number from the part number column and combine it with the desired option from the option column. Example 1: The part number ACPL-M61L-560E describes an optocoupler with a surface mount SO-5 package; delivered in Tape and Reel with 1500 parts per reel; with IEC/EN/DIN EN 60747-5-5 Safety Approval; and full RoHS compliance. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. ^ Advanced information, may subject to changes. |