| データシートサーチシステム |
|
S12SCIV2D データシート(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2D データシート(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 40 $0116 ECMD Read: 0 CMDB6 CMDB5 00 CMDB2 0 CMDB0 Write: $0117 Reserved for Factory Test Read: 00000000 Write: $0118 EADDRHI Read: 0000000 Bit 8 Write: $0119 EADDRLO Read: Bit 7 654321 Bit 0 Write: $011A EDATAHI Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $011B EDATALO Read: Bit 7 654321 Bit 0 Write: $011C - $011F Reserved for RAM Control Register Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $011C - $011F Reserved Read: 00000000 Write: $0120 - $013F ATD1 (Analog to Digital Converter 10 Bit 8 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0120 ATD1CTL0 Read: 00000000 Write: $0121 ATD1CTL1 Read: 00000000 Write: $0122 ATD1CTL2 Read: ADPU AFFC AWAI ETRIGLE ETRIGP ETRIG ASCIE ASCIF Write: $0123 ATD1CTL3 Read: 0 S8C S4C S2C S1C FIFO FRZ1 FRZ0 Write: $0124 ATD1CTL4 Read: SRES8 SMP1 SMP0 PRS4 PRS3 PRS2 PRS1 PRS0 Write: $0125 ATD1CTL5 Read: DJM DSGN SCAN MULT 0 CC CB CA Write: $0126 ATD1STAT0 Read: SCF 0 ETORF FIFOR 0 CC2 CC1 CC0 Write: $0127 Reserved Read: 00000000 Write: $0128 ATD1TEST0 Read: 00000000 Write: $0129 ATD1TEST1 Read: 00000 0 0 SC Write: $012A Reserved Read: 00000000 Write: $012B ATD1STAT1 Read: CCF7 CCF6 CCF5 CCF4 CCF3 CCF2 CCF1 CCF0 Write: $012C Reserved Read: 00000000 Write: $0110 - $011B EEPROM Control Register (eets1k) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |