データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8629WARZ-R7 データシート(PDF) 18 Page - Analog Devices

部品番号 AD8629WARZ-R7
部品情報  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8629WARZ-R7 データシート(HTML) 18 Page - Analog Devices

Back Button AD8629WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 16Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 17Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 18Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 19Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 20Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 21Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8628/AD8629/AD8630
Rev. I | Page 18 of 24
PRECISION CURRENT SHUNT SENSOR
OUTPUT AMPLIFIER FOR HIGH PRECISION DACS
A precision current shunt sensor benefits from the unique
attributes of auto-zero amplifiers when used in a differencing
configuration, as shown in Figure 63. Current shunt sensors are
used in precision current sources for feedback control systems.
They are also used in a variety of other applications, including
battery fuel gauging, laser diode power measurement and control,
torque feedback controls in electric power steering, and precision
power metering.
The AD8628/AD8629/AD8360 are used as output amplifiers for
a 16-bit high precision DAC in a unipolar configuration. In this
case, the selected op amp needs to have a very low offset voltage
(the DAC LSB is 38 μV when operated with a 2.5 V reference)
to eliminate the need for output offset trims. The input bias
current (typically a few tens of picoamperes) must also be very
low because it generates an additional zero code error when
multiplied by the DAC output impedance (approximately 6 kΩ).
RS
0.1Ω
SUPPLY
I
RL
100Ω
100kΩ
5V
100Ω
100kΩ
e = 1000 RS I
100mV/mA
AD8628
C
C
Rail-to-rail input and output provide full-scale output with very
little error. The output impedance of the DAC is constant and
code independent, but the high input impedance of the AD8628/
AD8629/AD8630 minimizes gain errors. The wide bandwidth
of the amplifiers also serves well in this case. The amplifiers,
with settling time of 1 μs, add another time constant to the
system, increasing the settling time of the output. The settling
time of the AD5541 is 1 μs. The combined settling time is
approximately 1.4 μs, as can be derived from the following
equation:
()
(
) (
)2
2
AD8628
S
S
S
t
DAC
t
TOTAL
t
+
=
Figure 63. Low-Side Current Sensing
In such applications, it is desirable to use a shunt with very low
resistance to minimize the series voltage drop; this minimizes
wasted power and allows the measurement of high currents
while saving power. A typical shunt might be 0.1 Ω. At measured
current values of 1 A, the output signal of the shunt is hundreds
of millivolts, or even volts, and amplifier error sources are not
critical. However, at low measured current values in the 1 mA
range, the 100 μV output voltage of the shunt demands a very
low offset voltage and drift to maintain absolute accuracy. Low
input bias currents are also needed, so that injected bias current
does not become a significant percentage of the measured current.
High open-loop gain, CMRR, and PSRR help to maintain the
overall circuit accuracy. As long as the rate of change of the
current is not too fast, an auto-zero amplifier can be used with
excellent results.
AD5541/AD5542
AD8628
DGND
*AD5542 ONLY
VDD REF(REFF*) REFS*
VOUT
SCLK
DIN
CS
AGND
5V
2.5V
UNIPOLAR
OUTPUT
LDAC*
0.1µF
10µF
0.1µF
SERIAL
INTERFACE
Figure 64. AD8628 Used as an Output Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com