| データシートサーチシステム |
|
33FJ64GP708 データシート(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
33FJ64GP708 データシート(HTML) 64 Page - Microchip Technology |
|
64 / 90 page ![]() dsPIC33F DS70155C-page 62 Preliminary © 2005 Microchip Technology Inc. TABLE A-2: dsPIC33F GENERAL PURPOSE FAMILY VARIANTS (DEVICES MARKED “PS”) Device Pins Program Flash Memory (KB) RAM (KB)(1) Packages 33FJ128GP706 64 128 17 9 8 8 1 2 A/D, 18 ch 2222 53 PT 33FJ128GP708 80 128 17 9 8 8 1 2 A/D, 24 ch 2222 69 PT 33FJ256GP710 100 256 33 9 8 8 1 2 A/D, 32 ch 2222 86 PF Note 1: RAM size is inclusive of 1 KB DMA RAM. 2: Maximum I/O pin count includes pins shared by the peripheral functions. Note: Prototype samples are intended for dsPIC33F early adopters and are based on early revision silicon. Devices are marked with “PS” suffix. Major differences are noted in this data sheet. For additional information, please refer to the “dsPIC33F Data Sheet”. |