| データシートサーチシステム |
|
33FJ256GP710 データシート(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
33FJ256GP710 データシート(HTML) 40 Page - Microchip Technology |
|
40 / 90 page ![]() dsPIC33F DS70155C-page 38 Preliminary © 2005 Microchip Technology Inc. TABLE 9-8: COMPARE/SKIP INSTRUCTIONS Assembly Syntax Description Words Cycles BTSC f,#bit4 Bit test f, skip if clear 1 1 (2 or 3) BTSC Ws,#bit4 Bit test Ws, skip if clear 1 1 (2 or 3) BTSS f,#bit4 Bit test f, skip if set 1 1 (2 or 3) BTSS Ws,#bit4 Bit test Ws, skip if set 1 1 (2 or 3) CP f Compare (f – WREG) 1 1 CP Wb,#lit5 Compare (Wb – lit5) 1 1 CP Wb,Ws Compare (Wb – Ws) 1 1 CP0 f Compare (f – 0x0000) 1 1 CP0 Ws Compare (Ws – 0x0000) 1 1 CPB f Compare with Borrow (f – WREG – C)1 1 CPB Wb,#lit5 Compare with Borrow (Wb – lit5 – C)1 1 CPB Wb,Ws Compare with Borrow (Wb – Ws – C)1 1 CPSEQ Wb,Wn Compare Wb with Wn, Skip if Equal (Wb = Wn) 1 1 (2 or 3) CPSGT Wb,Wn Signed Compare Wb with Wn, Skip if Greater Than (Wb > Wn) 1 1 (2 or 3) CPSLT Wb,Wn Signed Compare Wb with Wn, Skip if Less Than (Wb < Wn) 1 1 (2 or 3) CPSNE Wb,Wn Signed Compare Wb with Wn, Skip if Not Equal (Wb ≠ Wn) 1 1 (2 or 3) Note 1: Bit positions are specified by bit4 (0:15) for word operations. 2: Conditional skip instructions execute in 1 cycle if the skip is not taken, 2 cycles if the skip is taken over a one-word instruction and 3 cycles if the skip is taken over a two-word instruction. |