データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33FJ64MC706 データシート(PDF) 59 Page - Microchip Technology

部品番号 33FJ64MC706
部品情報  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64MC706 データシート(HTML) 59 Page - Microchip Technology

Back Button 33FJ64MC706 Datasheet HTML 55Page - Microchip Technology 33FJ64MC706 Datasheet HTML 56Page - Microchip Technology 33FJ64MC706 Datasheet HTML 57Page - Microchip Technology 33FJ64MC706 Datasheet HTML 58Page - Microchip Technology 33FJ64MC706 Datasheet HTML 59Page - Microchip Technology 33FJ64MC706 Datasheet HTML 60Page - Microchip Technology 33FJ64MC706 Datasheet HTML 61Page - Microchip Technology 33FJ64MC706 Datasheet HTML 62Page - Microchip Technology 33FJ64MC706 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 57
dsPIC33F
13.0
dsPIC33F HARDWARE
DEVELOPMENT BOARDS
Microchip initially offers two hardware development
boards that help you quickly prototype and validate key
aspects of your design. Each board features various
dsPIC33F
peripherals
and
supports
Microchip’s
MPLAB In-Circuit Debugger (ICD 2) tool for cost-
effective debugging and programming of the dsPIC33F
devices. These two boards are shown in Table 13-1.
Microchip
plans
to
offer
additional
hardware
development boards to support the dsPIC33F product
family.
Contact
Microchip
DSCD
Marketing
for
additional information.
TABLE 13-1:
HARDWARE DEVELOPMENT BOARDS
Development Tool
Description
Part #
From
General Purpose
Development Board
dsPICDEM™ 80-Pin Starter Development Board
DM300019
Microchip
Explorer 16 Development Board
DM240001
Microchip
Plug-in Sample
(see Section 13.3
Plug-in Modules)
PC board with 80-pin dsPIC30F6014A general purpose
MCU sample; use with DM300019 development board.
MA300014
Microchip
PC board with 100-pin dsPIC33F MCU sample; use with
DM240001 development board.
MA330011
Microchip
PC board with 100-pin dsPIC33F MCU sample; use with
DM300019 development board.
MA330012
Microchip
Acoustic Accessory
Kit
(see Section 13.3
Plug-in Modules)
Accessory Kit includes: audio cable, headset, oscillators,
microphone, speaker, DB9 M/F RS-232 cable,
DB9M-DB9M Null Modem Adapter and can be used for
library evaluation.
AC300030
Microchip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90