データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJMC204HSS データシート(PDF) 95 Page - Microchip Technology

部品番号 DSPIC33FJMC204HSS
部品情報  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSS データシート(HTML) 95 Page - Microchip Technology

Back Button DSPIC33FJMC204HSS Datasheet HTML 91Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 92Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 93Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 94Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 95Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 96Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 97Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 98Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 95
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
REGISTER 7-19:
IPC7: INTERRUPT PRIORITY CONTROL REGISTER 7
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
R/W-1
R/W-0
R/W-0
U-0
U-0
U-0
U-0
—
INT2IP<2:0>
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-7
Unimplemented: Read as ‘0’
bit 6-4
INT2IP<2:0>: External Interrupt 2 Priority bits
111 = Interrupt is priority 7 (highest priority interrupt)
•
•
•
001 = Interrupt is priority 1
000 = Interrupt source is disabled
bit 3-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More