データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJMC304IML データシート(PDF) 32 Page - Microchip Technology

部品番号 DSPIC33FJMC304IML
部品情報  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IML データシート(HTML) 32 Page - Microchip Technology

Back Button DSPIC33FJMC304IML Datasheet HTML 28Page - Microchip Technology DSPIC33FJMC304IML Datasheet HTML 29Page - Microchip Technology DSPIC33FJMC304IML Datasheet HTML 30Page - Microchip Technology DSPIC33FJMC304IML Datasheet HTML 31Page - Microchip Technology DSPIC33FJMC304IML Datasheet HTML 32Page - Microchip Technology DSPIC33FJMC304IML Datasheet HTML 33Page - Microchip Technology DSPIC33FJMC304IML Datasheet HTML 34Page - Microchip Technology DSPIC33FJMC304IML Datasheet HTML 35Page - Microchip Technology DSPIC33FJMC304IML Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 32
© 2007-2012 Microchip Technology Inc.
FIGURE 4-3:
DATA MEMORY MAP FOR dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DEVICES WITH 2 KB RAM
0x0000
0x07FE
0x0FFE
0xFFFE
LSB
Address
16 bits
LSb
MSb
MSB
Address
0x0001
0x07FF
0xFFFF
Optionally
Mapped
into Program
Memory
0x0801
0x0800
0x1000
2 Kbyte
SFR Space
2 Kbyte
SRAM Space
0x8001
0x8000
SFR Space
X Data RAM (X)
X Data
Unimplemented (X)
Y Data RAM (Y)
0x0BFE
0x0C00
0x0BFF
0x0001
0x0FFF
0x1001
0x1FFF
0x1FFE
0x2001
0x2000
8 Kbyte
Near Data
Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More