| データシートサーチシステム |
|
FDC37C78-HT データシート(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FDC37C78-HT データシート(HTML) 36 Page - Microchip Technology |
|
36 / 82 page ![]() 36 READ A TRACK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 MFM 0 0 0 0 1 0 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W ──────── C ──────── Sector ID information prior to Command execution. W ──────── H ──────── W ──────── R ──────── W ──────── N ──────── W ─────── EOT ─────── W ─────── GPL ─────── W ─────── DTL ─────── Execution Data transfer between the FDD and system. FDC reads all of cylinders' contents from index hole to EOT. Result R ─────── ST0 ─────── Status information after Command execution. R ─────── ST1 ─────── R ─────── ST2 ─────── R ──────── C ──────── Sector ID information after Command execution. R ──────── H ──────── R ──────── R ──────── R ──────── N ──────── |