| データシートサーチシステム |
|
FDC37C78 データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FDC37C78 データシート(HTML) 39 Page - Microchip Technology |
|
39 / 82 page ![]() 39 RECALIBRATE DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 0 1 1 1 Command Codes W 0 0 0 0 0 0 DS1 DS0 Execution Head retracted to Track 0 Interrupt. SENSE INTERRUPT STATUS DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 1 0 0 0 Command Codes Result R ─────── ST0 ─────── Status information at the end of each seek operation. R ─────── PCN ─────── SPECIFY DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 0 0 1 1 Command Codes W ─── SRT ─── ─── HUT ─── W ────── HLT ────── ND |