| データシートサーチシステム |
|
STA335W データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA335W データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 43 page ![]() STA335W Package information 41/43 In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 50. PowerSSO-36 slug down dimensions Symbol mm inch Min Typ Max Min Typ Max A 2.15 - 2.47 0.085 - 0.097 A2 2.15 - 2.40 0.085 - 0.094 a1 0 - 0.10 0 - 0.004 b 0.18 - 0.36 0.007 - 0.014 c 0.23 - 0.32 0.009 - 0.013 D 10.10 - 10.50 0.398 - 0.413 E 7.40 - 7.60 0.291 - 0.299 e - 0.5 - - 0.020 e3 - 8.5 - - 0.335 F - 2.3 - - 0.091 G- - 0.10 - - 0.004 H 10.10 - 10.50 0.398 0.413 h- - 0.40 0.016 k 0 - 8 degrees 8 degrees L 0.60 - 1.00 0.024 0.039 M - 4.30 - 0.169 N - - 10 degrees 10 degrees O - 1.20 - 0.047 Q - 0.80 - 0.031 S - 2.90 - 0.114 T - 3.65 - 0.144 U - 1.00 - 0.039 X 4.10 4.70 0.161 0.185 Y 4.90 7.10 0.193 0.280 |