| データシートサーチシステム |
|
PD70F3555 データシート(PDF) 81 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD70F3555 データシート(HTML) 81 Page - Renesas Technology Corp |
|
81 / 88 page ![]() 81 R01DS0141ED0100 Data Sheet Chapter 10 Definition of terms Chapter 10 Definition of terms The following sections describe the meaning of several terms used in this document. 10.1 How to Read A/D Converter Characteristics Table This section describes the meanings of the terms peculiar to the A/D converter. (1) Resolution The minimum analog input voltage that can be identified, i.e. the ratio of the analog input voltage to 1 digital output is called 1 LSB (Least Significant Bit). The ratio of 1 LSB to the full scale is expressed as %FSR (Full Scale Range). %FSR is the ratio, in percentage, of the range in which an analog input voltage can be converted, and is expressed as follows regardless of the resolution. 1%FSR = (Maximum value of analog input voltage that can be converted − Minimum value of analog input voltage that can be converted)/100 = (AVREFP − AVREFM)/100 1 LSB is as follows at a resolution of 10 bits: 1 LSB = 1/210 = 1/1,024 = 0.098%FSR 1 LSB is as follows at a resolution of 12 bits: 1 LSB = 1/212 = 1/4,096 = 0.024%FSR The accuracy is determined by the total error, regardless of the resolution. |