データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1655ACBZ-R7 データシート(PDF) 22 Page - Analog Devices

部品番号 ADP1655ACBZ-R7
部品情報  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 データシート(HTML) 22 Page - Analog Devices

Back Button ADP1655ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP1655
Rev. 0 | Page 22 of 24
PCB LAYOUT
Poor layout can affect performance, causing electromagnetic
interference (EMI) and electromagnetic compatibility (EMC)
problems, ground bounce, and voltage losses. Poor layout can
also affect regulation and stability. A good layout is implemented
using the following rules and shown in Figure 36:
•
Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies and large tracks act as antennas.
•
Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
•
Maximize the size of ground metal on the component side
to help with thermal dissipation.
•
Use a ground plane with several vias connecting to the
component side ground to further reduce noise interfe-
rence on sensitive circuit nodes.
HIGH
POWER
LED
VIN
INDUCTOR
OUTPUT
CAPACITOR
INPUT
CAPACITOR
ADP1655
PGND
HIGH
POWER
LED
PGND
Figure 36. Example Layout of the ADP1655 Driving Two White LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24