データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8512FS データシート(PDF) 19 Page - Analog Devices

部品番号 DAC8512FS
部品情報  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

DAC8512FS データシート(HTML) 19 Page - Analog Devices

Back Button DAC8512FS Datasheet HTML 12Page - Analog Devices DAC8512FS Datasheet HTML 13Page - Analog Devices DAC8512FS Datasheet HTML 14Page - Analog Devices DAC8512FS Datasheet HTML 15Page - Analog Devices DAC8512FS Datasheet HTML 16Page - Analog Devices DAC8512FS Datasheet HTML 17Page - Analog Devices DAC8512FS Datasheet HTML 18Page - Analog Devices DAC8512FS Datasheet HTML 19Page - Analog Devices DAC8512FS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DAC8512
–19–
REV. A
TFRLP
LDAA
0,X
Get a byte to transfer via SPI
STAA
SPDR
Write SDI data reg to start xfer
*
WAIT
LDAA
SPSR
Loop to wait for SPIF
BPL
WAIT
SPIF is the MSB of SPSR
*
(when SPIF is set, SPSR is negated)
INX
Increment counter to next byte for xfer
CPX
#SDI2+1
Are we done yet ?
BNE
TFRLP
If not, xfer the second byte
*
*Update DAC output with contents of DAC register
*
BCLR
PORTD,Y
$20 Assert LD/
BSET
PORTD,Y
$20 Latch DAC register
*
BSET
PORTC,Y
$01 De-assert CS/
PULA When done, restore registers X, Y & A
PULY
PULX
RTS
** Return to Main Program **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20