| データシートサーチシステム |
|
ADR434ARMZ データシート(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR434ARMZ データシート(HTML) 19 Page - Analog Devices |
|
19 / 24 page ![]() ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. J | Page 19 of 24 VIN VOUT GND RLW RL VOUT SENSE VOUT FORCE RLW VIN 2 6 4 ADR43x A1 OP191 + Figure 37. Advantage of Kelvin Connection DUAL POLARITY REFERENCES Dual polarity references can easily be made with an operational amplifier and a pair of resistors. To avoid defeating the accuracy obtained by the ADR43x, it is imperative to match the resistance tolerance as well as the temperature coefficient of all the components. 6 2 4 5 – 10V VIN VIN VOUT GND TRIM R1 R2 U2 R3 V+ V– +10V –5V +5V 10kΩ 1µF 0.1µF U1 ADR435 OP1177 5kΩ 10kΩ Figure 38. +5 V and −5 V References Using ADR435 6 2 4 5 VIN VOUT GND TRIM R1 5.6kΩ U2 V+ V– +10V U1 ADR435 OP1177 +2.5V –2.5V R2 5.6kΩ –10V Figure 39. +2.5 V and −2.5 V References Using ADR435 PROGRAMMABLE CURRENT SOURCE Together with a digital potentiometer and a Howland current pump, the ADR435 forms the reference source for a programmable current as W B B A L V R R1 R R2 I × ⎟ ⎟ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎜ ⎜ ⎝ ⎛ + = 2 2 (4) and REF N W V D V × = 2 (5) where: D is the decimal equivalent of the input code. N is the number of bits. In addition, R1' and R2' must be equal to R1 and (R2A + R2B), respectively. In theory, R2B can be made as small as needed to achieve the necessary current within the A2 output current driving capability. In this example, the OP2177 can deliver a maximum output current of 10 mA. Because the current pump employs both positive and negative feedback, C1 and C2 capacitors are needed to ensure that the negative feedback prevails and, therefore, avoids oscillation. This circuit also allows bidirectional current flow if the VA and VB inputs of the digital potentiometer are supplied with the dual polarity references, as shown in Figure 40. 6 2 4 5 VIN VDD VOUT GND TRIM C2 10pF U1 V+ V– IL ADR435 OP2177 R1 50kΩ OP2177 V– V+ A2 A1 IL VDD U2 AD5232 W A B VSS R1' 50kΩ R2' 1kΩ R2A 1kΩ R2B 10Ω VDD VSS C1 10pF + VL – Figure 40. Programmable Current Source |