| データシートサーチシステム |
|
STM8AF52A9 データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF52A9 データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 110 page ![]() STM8AF52/62xx, STM8AF51/61xx Pinouts and pin description Doc ID 14395 Rev 9 35/110 39 31 23 - PE7/AIN8 I/O X X— — O1X X Port E7 Analog input 8 — 40 32 24 PE6/AIN9 I/O X XX — O1 X X Port E7 Analog input 9 — 41 33 25 17 PE5/SPI_NSS I/O X XX — O1 X X Port E5 SPI master/ slave select — 42 - - - PC0/ADC_ETR I/O X XX — O1 X X Port C0 ADC trigger input — 43 34 26 18 PC1/TIM1_CH1 I/O X XX HS O3 X X Port C1 Timer 1 - channel 1 — 44 35 27 19 PC2/TIM1_CH2 I/O X XX HS O3 X X Port C2 Timer 1- channel 2 — 45 36 28 20 PC3/TIM1_CH3 I/O X XX HS O3 X X Port C3 Timer 1 - channel 3 — 46 37 29 21 PC4/TIM1_CH4 I/O X XX HS O3 X X Port C4 Timer 1 - channel 4 — 47 38 30 22 PC5/SPI_SCK I/O X XX — O3 X X Port C5 SPI clock — 48 39 31 - VSSIO_2 S — — — — — — — I/O ground — 49 40 32 - VDDIO_2 S — — — — — — — I/O power supply — 50 41 33 23 PC6/SPI_MOSI I/O X XX — O3 X X Port C6 SPI master out/ slave in — 51 42 34 24 PC7/SPI_MISO I/O X XX — O3 X X Port C7 SPI master in/ slave out — 52 43 35 - PG0/CAN_Tx I/O X X— — O1X X Port G0 CAN transmit — 53 44 36 - PG1/CAN_Rx I/O X X— — O1X X Port G1 CAN receive — 54 45 - - PG2 I/O X X— — O1X X Port G2 —— 55 46 - - PG3 I/O X X— — O1X X Port G3 —— 56 47 - - PG4 I/O X X— — O1X X Port G4 —— 57 48 - - PI0 I/O X X— — O1X X Port I0 —— 58 --- PI1 I/O X X— — O1X X Port I1 —— 59 --- PI2 I/O X X— — O1X X Port I2 —— 60 --- PI3 I/O X X— — O1X X Port I3 —— Table 13. STM8A microcontroller family pin description (continued) Pin number Pin name Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |