データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NIEXPRESSCARD-GPIB データシート(PDF) 2 Page - National Instruments Corporation

部品番号 NIEXPRESSCARD-GPIB
部品情報  GPIB Plug-In Interface for ExpressCard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NI [National Instruments Corporation]
ホームページ  http://www.NI.com
Logo NI - National Instruments Corporation

NIEXPRESSCARD-GPIB データシート(HTML) 2 Page - National Instruments Corporation

  NIEXPRESSCARD-GPIB Datasheet HTML 1Page - National Instruments Corporation NIEXPRESSCARD-GPIB Datasheet HTML 2Page - National Instruments Corporation NIEXPRESSCARD-GPIB Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
IEEE 488 Compatibility
IEEE 488.1 and IEEE 488.2 compatible
Maximum IEEE 488 Bus Transfer Rates
IEEE 488 interlocked handshake.........
1.8 MB/s
IEEE 488 noninterlocked
(HS488) handshake.........................
7.2 MB/s
(actual rates depend on system configuration and instrument capabilities)
Physical Dimensions
34 mm card
Power Requirements
+3.3 V ..................................................
140 mA typical
I/O Connectors
GPIB.....................................................
26-position latching connector
Operating Environment
Ambient temperature..........................
0 to 65 °C
Relative humidity ................................
5 to 95%, noncondensing
(tested in accordance with IEC-60068-2-1, IEC-60068-2-2, and IEC-60068-2-56)
Storage Environment
Ambient temperature..........................
-20 to 65 °C
Relative humidity ................................
5 to 95%, noncondensing
Nonoperating thermal shock ..............
-20 to 65 °C, 5 shocks
(tested in accordance with IEC-60068-2-1, IEC-60068-2-2, and IEC-60068-2-56)
Shock and Vibration
Nonoperating shock ............................
50 g, 11 ms
(tested in accordance with IEC 60068-2-27)
Nonoperating vibration, sinusoidal ....
15 g, 100 to 2,000 Hz
(tested in accordance with IEC 60068-2-6)
Nonoperating drop test.......................
2 drops in 3 mutually exclusive
axes from 75 cm onto
noncushioning vinyl tile surface
Compliance and Safety
Visit ni.com/certification.
GPIB Plug-In Interface for ExpressCard
2
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
Capability Code
Description
SH1
Source Handshake
AH1
Acceptor Handshake
T5, TE5
Talker, Extender Talker
L3, LE3
Listener, Extender Listener
SR1
Service Request
PP1, PP2
Local/Remote Parallel Poll
RL1
Remote/Local
C1, C2, C3, C4, C5
Controller
E1, E2
Three-state bus drivers with automatic switch to open collector during
parallel poll



Html Pages

1 2 3