データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AF5168 データシート(PDF) 35 Page - STMicroelectronics

部品番号 STM8AF5168
部品情報  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5168 データシート(HTML) 35 Page - STMicroelectronics

Back Button STM8AF5168 Datasheet HTML 31Page - STMicroelectronics STM8AF5168 Datasheet HTML 32Page - STMicroelectronics STM8AF5168 Datasheet HTML 33Page - STMicroelectronics STM8AF5168 Datasheet HTML 34Page - STMicroelectronics STM8AF5168 Datasheet HTML 35Page - STMicroelectronics STM8AF5168 Datasheet HTML 36Page - STMicroelectronics STM8AF5168 Datasheet HTML 37Page - STMicroelectronics STM8AF5168 Datasheet HTML 38Page - STMicroelectronics STM8AF5168 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Pinouts and pin description
Doc ID 14395 Rev 9
35/110
39
31 23
-
PE7/AIN8
I/O
X
X—
O1X
X
Port E7
Analog input
8
40
32 24
PE6/AIN9
I/O
X
XX
O1
X
X
Port E7
Analog input
9
41
33 25 17
PE5/SPI_NSS
I/O
X
XX
O1
X
X
Port E5
SPI master/
slave select
42
-
-
-
PC0/ADC_ETR
I/O
X
XX
O1
X
X
Port C0
ADC trigger
input
43
34 26 18
PC1/TIM1_CH1
I/O
X
XX
HS O3
X
X
Port C1
Timer 1 -
channel 1
44
35 27 19
PC2/TIM1_CH2
I/O
X
XX
HS O3
X
X
Port C2
Timer 1-
channel 2
45
36 28 20
PC3/TIM1_CH3
I/O
X
XX
HS O3
X
X
Port C3
Timer 1 -
channel 3
46
37 29 21
PC4/TIM1_CH4
I/O
X
XX
HS O3
X
X
Port C4
Timer 1 -
channel 4
47
38 30 22
PC5/SPI_SCK
I/O
X
XX
O3
X
X
Port C5
SPI clock
48
39 31
-
VSSIO_2
S
I/O ground
49
40 32
-
VDDIO_2
S
I/O power supply
50
41 33 23
PC6/SPI_MOSI
I/O
X
XX
O3
X
X
Port C6
SPI master
out/
slave in
51
42 34 24
PC7/SPI_MISO
I/O
X
XX
O3
X
X
Port C7
SPI master
in/ slave out
52
43 35
-
PG0/CAN_Tx
I/O
X
X—
O1X
X
Port G0
CAN transmit
53
44 36
-
PG1/CAN_Rx
I/O
X
X—
O1X
X
Port G1
CAN receive
54
45
-
-
PG2
I/O
X
X—
O1X
X
Port G2
——
55
46
-
-
PG3
I/O
X
X—
O1X
X
Port G3
——
56
47
-
-
PG4
I/O
X
X—
O1X
X
Port G4
——
57
48
-
-
PI0
I/O
X
X—
O1X
X
Port I0
——
58
---
PI1
I/O
X
X—
O1X
X
Port I1
——
59
---
PI2
I/O
X
X—
O1X
X
Port I2
——
60
---
PI3
I/O
X
X—
O1X
X
Port I3
——
Table 13.
STM8A microcontroller family pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More