データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LED2000PUR データシート(PDF) 32 Page - STMicroelectronics

部品番号 LED2000PUR
部品情報  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000PUR データシート(HTML) 32 Page - STMicroelectronics

Back Button LED2000PUR Datasheet HTML 28Page - STMicroelectronics LED2000PUR Datasheet HTML 29Page - STMicroelectronics LED2000PUR Datasheet HTML 30Page - STMicroelectronics LED2000PUR Datasheet HTML 31Page - STMicroelectronics LED2000PUR Datasheet HTML 32Page - STMicroelectronics LED2000PUR Datasheet HTML 33Page - STMicroelectronics LED2000PUR Datasheet HTML 34Page - STMicroelectronics LED2000PUR Datasheet HTML 35Page - STMicroelectronics LED2000PUR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Application information
LED2000
32/40
DocID023432 Rev 4
Figure 21. PCB layout (bottom side) VFQFPN package
Figure 22. PCB layout (component side) SO8 package
It is strongly recommended that the input capacitors are to be put as close as possible to the
pins, see C1 and C2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40