データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LED2000DR データシート(PDF) 32 Page - STMicroelectronics

部品番号 LED2000DR
部品情報  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000DR データシート(HTML) 32 Page - STMicroelectronics

Back Button LED2000DR Datasheet HTML 28Page - STMicroelectronics LED2000DR Datasheet HTML 29Page - STMicroelectronics LED2000DR Datasheet HTML 30Page - STMicroelectronics LED2000DR Datasheet HTML 31Page - STMicroelectronics LED2000DR Datasheet HTML 32Page - STMicroelectronics LED2000DR Datasheet HTML 33Page - STMicroelectronics LED2000DR Datasheet HTML 34Page - STMicroelectronics LED2000DR Datasheet HTML 35Page - STMicroelectronics LED2000DR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Application information
LED2000
32/40
DocID023432 Rev 4
Figure 21. PCB layout (bottom side) VFQFPN package
Figure 22. PCB layout (component side) SO8 package
It is strongly recommended that the input capacitors are to be put as close as possible to the
pins, see C1 and C2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40