データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC101S021 データシート(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC101S021
部品情報  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ADC101S021 データシート(HTML) 19 Page - Texas Instruments

Back Button ADC101S021 Datasheet HTML 15Page - Texas Instruments ADC101S021 Datasheet HTML 16Page - Texas Instruments ADC101S021 Datasheet HTML 17Page - Texas Instruments ADC101S021 Datasheet HTML 18Page - Texas Instruments ADC101S021 Datasheet HTML 19Page - Texas Instruments ADC101S021 Datasheet HTML 20Page - Texas Instruments ADC101S021 Datasheet HTML 21Page - Texas Instruments ADC101S021 Datasheet HTML 22Page - Texas Instruments ADC101S021 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ADC101S021CIMF
SOT-23
DBV
6
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
ADC101S021CIMF/NOPB SOT-23
DBV
6
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
ADC101S021CIMFX
SOT-23
DBV
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
ADC101S021CIMFX/NOP
B
SOT-23
DBV
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
ADC101S021CISD
WSON
NGF
6
1000
178.0
12.4
2.8
2.5
1.0
8.0
12.0
Q1
ADC101S021CISD/NOPB
WSON
NGF
6
1000
178.0
12.4
2.8
2.5
1.0
8.0
12.0
Q1
ADC101S021CISDX
WSON
NGF
6
4500
330.0
12.4
2.8
2.5
1.0
8.0
12.0
Q1
ADC101S021CISDX/NOP
B
WSON
NGF
6
4500
330.0
12.4
2.8
2.5
1.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Mar-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23