データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCU877ZQLT データシート(PDF) 15 Page - Texas Instruments

部品番号 CDCU877ZQLT
部品情報  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCU877ZQLT データシート(HTML) 15 Page - Texas Instruments

Back Button CDCU877ZQLT Datasheet HTML 11Page - Texas Instruments CDCU877ZQLT Datasheet HTML 12Page - Texas Instruments CDCU877ZQLT Datasheet HTML 13Page - Texas Instruments CDCU877ZQLT Datasheet HTML 14Page - Texas Instruments CDCU877ZQLT Datasheet HTML 15Page - Texas Instruments CDCU877ZQLT Datasheet HTML 16Page - Texas Instruments CDCU877ZQLT Datasheet HTML 17Page - Texas Instruments CDCU877ZQLT Datasheet HTML 18Page - Texas Instruments CDCU877ZQLT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CDCU877RHAR
VQFN
RHA
40
2500
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
CDCU877RHAT
VQFN
RHA
40
250
180.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
CDCU877ZQLR
BGA MI
CROSTA
R JUNI
OR
ZQL
52
1000
330.0
16.4
4.8
7.3
1.5
8.0
16.0
Q1
CDCU877ZQLT
BGA MI
CROSTA
R JUNI
OR
ZQL
52
250
330.0
16.4
4.8
7.3
1.5
8.0
16.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CDCU877AGQLT
BGA MICROSTAR
JUNIOR
GQL
52
250
336.6
336.6
28.6
CDCU877ARHAR
VQFN
RHA
40
2500
367.0
367.0
38.0
CDCU877ARHAT
VQFN
RHA
40
250
210.0
185.0
35.0
CDCU877AZQLR
BGA MICROSTAR
JUNIOR
ZQL
52
1000
336.6
336.6
28.6
CDCU877AZQLT
BGA MICROSTAR
JUNIOR
ZQL
52
250
336.6
336.6
28.6
CDCU877GQLR
BGA MICROSTAR
JUNIOR
GQL
52
1000
336.6
336.6
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23