| データシートサーチシステム |
|
CB017C0152 データシート(PDF) 1 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
CB017C0152 データシート(HTML) 1 Page - AVX Corporation |
|
1 / 19 page ![]() 20 Film Chip Capacitors PEN DIELECTRIC – CB Series GENERAL DESCRIPTION Film chip capacitor using a naked and stacked construction with metallized PEN (polyethylene naphtalate). ADVANTAGES • Use of high temperature dielectric films make these capacitors suitable for IR or vapor phase reflow processes. This chip is built without specific encapsulation. • The intrinsic elasticity of the dielectric film allows an excellent compatibility of the capacitor with all types of material for printed circuit boards. • The self-healing property of film technology results to a safety open failure mode and better overall reliability. • Excellent thermal shock resistance. • Low dissipation factor ESR & ESL. • No piezoelectric effect. • Available in tape and reel suitable for automatic placement. • Non-polar construction. APPLICATIONS General purpose function in low voltage applications where miniaturization and SMD is required. Typical applications would be: • Automotive (Airbag, Fuel injection calculator...) • Telecom (Public switching systems, modems, telephone set, cordless, mobile) • Industrial (SMPS, Power convertor module...) PERFORMANCE CHARACTERISTICS Climatic Category 55/125/56 Capacitance Range 1nF to 4.7μF Tolerance on C R ±5%, ±10% Nominal Voltages 25Vdc to 630Vdc Test Voltage 1.4Vr 2 sec. at 25°C Soldering methods IR or vapor phase reflow (not suitable for wave soldering) Tangent of Loss Angle at 1kHz (DF) < 100 x 10-4 Insulation resistance minimum : IR for C ≤ 0.33μF IR > 1000 MΩ at 20°C for 1 min. charge at 10Vdc for VR < 100Vdc and 100Vdc for VR ≥ 100Vdc for C > 0.33μF IR C > 400 sec. at 20°C for 1 min. charge at 10Vdc for VR < 100Vdc and 100Vdc for VR ≥ 100Vdc Temperature range -55°C to 125°C with voltage derating of 1.25%/°C between 105°C and 125°C A.C. applications For high frequency A.C. application please check with AVX Outer Layer Termination Plating : 100% matte Sn Ni Barrier Under Termination Silver Epoxy Resin Brass Active Layers : PEN dielectric |
同様の部品番号 - CB017C0152 |
|
同様の説明 - CB017C0152 |