データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC5573IPW データシート(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC5573IPW
部品情報  This document contains the following chapters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC5573IPW データシート(HTML) 19 Page - Texas Instruments

Back Button DAC5573IPW Datasheet HTML 15Page - Texas Instruments DAC5573IPW Datasheet HTML 16Page - Texas Instruments DAC5573IPW Datasheet HTML 17Page - Texas Instruments DAC5573IPW Datasheet HTML 18Page - Texas Instruments DAC5573IPW Datasheet HTML 19Page - Texas Instruments DAC5573IPW Datasheet HTML 20Page - Texas Instruments DAC5573IPW Datasheet HTML 21Page - Texas Instruments DAC5573IPW Datasheet HTML 22Page - Texas Instruments DAC5573IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
3-1
EVM Operation
EVM Operation
This chapter details the operation of the EVM to guide the user in evaluating
the onboard DAC and in interfacing the EVM to a host processor.
Refer to the specific DAC data sheet, as listed in the Related Documentation
From Texas Instruments section in the Preface of this user’s guide for more
information about the DAC serial interface and other related topics.
The EVM board is factory-configured to operate in the unipolar output mode.
Topic
Page
3.1
Factory Default Setting
3-2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2
Host Processor Interface
3-2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3
EVM Stacking
3-3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4
The Output Op Amp
3-3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5
Jumper Setting
3-6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.6
Schematic Diagram
3-7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Chapter 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26