データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT30 データシート(PDF) 9 Page - STMicroelectronics

部品番号 BAT30
部品情報  Small signal Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30 データシート(HTML) 9 Page - STMicroelectronics

Back Button BAT30 Datasheet HTML 5Page - STMicroelectronics BAT30 Datasheet HTML 6Page - STMicroelectronics BAT30 Datasheet HTML 7Page - STMicroelectronics BAT30 Datasheet HTML 8Page - STMicroelectronics BAT30 Datasheet HTML 9Page - STMicroelectronics BAT30 Datasheet HTML 10Page - STMicroelectronics BAT30 Datasheet HTML 11Page - STMicroelectronics BAT30 Datasheet HTML 12Page - STMicroelectronics BAT30 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BAT30
Package information
Doc ID 12564 Rev 3
9/14
Figure 18.
SOD-923 footprint (dimensions in mm)
Table 8.
SOD-923 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.40
0.016
b
0.25
0.30
0.35
0.010
0.012
0.014
c
0.08
0.145
0.21
0.003
0.006
0.008
D
0.55
0.60
0.65
0.022
0.024
0.026
E
0.95
1.00
1.05
0.037
0.039
0.041
E1
0.75
0.825
0.90
0.030
0.032
0.035
L
-
-
0.20
-
-
0.008
E
E1
bD
C
L
A
0.37
0.34
0.58
1.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14