データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

02C8T6 データシート(PDF) 21 Page - STMicroelectronics

部品番号 02C8T6
部品情報  Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

02C8T6 データシート(HTML) 21 Page - STMicroelectronics

Back Button 02C8T6 Datasheet HTML 17Page - STMicroelectronics 02C8T6 Datasheet HTML 18Page - STMicroelectronics 02C8T6 Datasheet HTML 19Page - STMicroelectronics 02C8T6 Datasheet HTML 20Page - STMicroelectronics 02C8T6 Datasheet HTML 21Page - STMicroelectronics 02C8T6 Datasheet HTML 22Page - STMicroelectronics 02C8T6 Datasheet HTML 23Page - STMicroelectronics 02C8T6 Datasheet HTML 24Page - STMicroelectronics 02C8T6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
DocID15056 Rev 5
21/80
STM32F102x8, STM32F102xB
Pinout and pin description
79
-
25
PC5
I/O
PC5
ADC_IN15
18
26
PB0
I/O
PB0
ADC_IN8/TIM3_CH3(8)
19
27
PB1
I/O
PB1
ADC_IN9/TIM3_CH4(8)
20
28
PB2
I/O
FT
PB2/BOOT1
21
29
PB10
I/O
FT
PB10
I2C2_SCL/ USART3_TX(8)
TIM2_CH3
22
30
PB11
I/O
FT
PB11
I2C2_SDA/
USART3_RX(8)
TIM2_CH4
23
31
VSS_1
SVSS_1
24
32
VDD_1
SVDD_1
25
33
PB12
I/O
FT
PB12
SPI2_NSS / I2C2_SMBA/
USART3_CK(8)
26
34
PB13
I/O
FT
PB13
SPI2_SCK(8)/
USART3_CTS
27
35
PB14
I/O
FT
PB14
SPI2_MISO/
USART3_RTS
28
36
PB15
I/O
FT
PB15
SPI2_MOSI
-
37
PC6
I/O
FT
PC6
TIM3_CH1
-
38
PC7
I/O
FT
PC7
TIM3_CH2
-
39
PC8
I/O
FT
PC8
TIM3_CH3
-
40
PC9
I/O
FT
PC9
TIM3_CH4
29
41
PA8
I/O
FT
PA8
USART1_CK/MCO
30
42
PA9
I/O
FT
PA9
USART1_TX(8)
31
43
PA10
I/O
FT
PA10
USART1_RX(8)
32
44
PA11
I/O
FT
PA11
USART1_CTS/USB_DM
33
45
PA12
I/O
FT
PA12
USART1_RTS/USB_DP
34
46
PA13
I/O
FT
JTMS-
SWDIO
PA13
35
47
VSS_2
SVSS_2
36
48
VDD_2
SVDD_2
37
49
PA14
I/O
FT
JTCK/SWCL
K
PA14
Table 4. Medium-density STM32F102xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3) (4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80