| データシートサーチシステム |
|
BA3472WFVC データシート(PDF) 9 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA3472WFVC データシート(HTML) 9 Page - Rohm |
|
9 / 32 page ![]() Datasheet www.rohm.com TSZ02201-0RAR1G200540-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 9/29 20.DEC.2012 Rev.002 TSZ22111・15・00 BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C 2.10 Output source current/ output sink current (IOH / IOL) The maximum current that can be output from the IC under specific output conditions. The output source current indicates the current flowing out from the IC, and the output sink current indicates the current flowing into the IC. 2.11 Gain Band Width (GBW) The product of the open-loop voltage gain and the frequency at which the voltage gain decreases 6dB/octave. 2.12 Slew rate (SR) Indicates the ratio of the change in output voltage with time when a step input signal is applied. 2.13 Channel separation (CS) Indicates the fluctuation in the output voltage of the driven channel with reference to the change of output voltage of the channel which is not driven. |